PART |
Description |
Maker |
2EZ11D5 2EZ14D5 2EZ150D5 2EZ16D5 2EZ17D5 2EZ180D5 |
SILICON ZENER DIODES CABLE RISER SHIELD 6COND 22AWG CAP 3.3UF 50V 10% X7R AXIAL BULK S-MIL-PRF-39014 8 Character x 1 Line, 5 x 11 Dot Matrix Character surface mount silicon Zener diodes 33 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 30 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 36 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 16 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 20 characters x 2 Lines, 5x7 Dot Matric Character and Cursor 39 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 13 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 43 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 CONN EDGE CARD DUAL .8MM 40POS 17 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 27 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 120 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41
|
EIC discrete Semiconduc... http:// EIC[EIC discrete Semiconductors] Electronics Industry Public Company Limited EIC SEMICONDUCTOR INC
|
1SMB5953BT3 1SMB5945BT3 1SMB5948BT 1SMB5954BT3 1SM |
PLASTIC SURFACE MOUNT ZENER DIODES 3 WATTS 3.3.200 VOLTS HEADER,10 CONTACT,1 surface mount silicon Zener diodes 130 V, 0.83 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 3.9 V, 0.83 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.3V / 5V, 160MHz 1:4 Outputs Clock Driver 33 V, 0.83 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 表面贴装硅稳压二极管 surface mount silicon Zener diodes 16 V, 0.83 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 5.1 V, 0.83 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.3V, 140MHz Mobile PC 1:7 Output Clock Driver with Edge Rate Control CONN TERM BLK GROUNDING 4.2MM AI10-12BN ER 24C 24#16 PIN RECP LINE 3 Watt Plastic Surface Mount Silicon Zener Diodes From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola Inc Motorola, Inc. MOTOROLA[Motorola Inc] MOTOROLA [Motorola, Inc] MOTOROLA[Motorola, Inc]
|
CZ5388B CZ5342B CZ5343B CZ5344B CZ5345B CZ5346B CZ |
surface mount silicon Zener diodes 150 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-201AD surface mount silicon Zener diodes 68 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-201AD surface mount silicon Zener diodes 30 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-201AD surface mount silicon Zener diodes 16 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-201AD surface mount silicon Zener diodes 19 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-201AD surface mount silicon Zener diodes 87 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-201AD surface mount silicon Zener diodes 39 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-201AD surface mount silicon Zener diodes 7.5 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-201AD surface mount silicon Zener diodes 91 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-201AD Silicon Zener Diode is a high quality voltage regulator Leaded Zener Diode General Purpose
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp]
|
ZMY20G ZMY22G ZMY24G ZMY27G ZMY4.3G ZMY4.7G ZMY43G |
Surface mount Silicon-Zener Diodes (planar technology) Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:23-21 1302 RECALIBRATED BY NEWARK INONE SERVICES Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:25mA; Current, It av:16A; Gate Trigger Current Max, Igt:25mA RoHS Compliant: Yes surface mount silicon Zener diodes 5.1 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB surface mount silicon Zener diodes 硅表面贴装齐纳二极管 surface mount silicon Zener diodes 9.05 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB
|
Diotec Elektronische DIOTEC[Diotec Semiconductor] Diotec Semiconductor AG http://
|
MLL957B MLL960B MLL976B MLL983B MLL979B MLL992B ML |
surface mount silicon Zener diodes LEADLESS GLASS ZENER DIODE SURFACE MOUNT Zener Voltage Regulator Diode
|
MICROSEMI CORP-SCOTTSDALE http:// MICROSEMI[Microsemi Corporation] MICROSEMI CORP-LAWRENCE
|
CMZ5944B CMZ5948B CMZ5921B CMZ5925B CMZ5926B CMZ59 |
SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 6.8 THRU 200 VOLTS 5% TOLERANCE SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 6.8 THRU 200 VOLTS ± 5% TOLERANCE surface mount silicon Zener diodes 24 V, 0.9 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Central Semiconductor Corp
|
MMBZ5221BT08 MMBZ5228BT-7-F MMBZ5234BT-7-F |
surface mount silicon Zener diodes 3.9 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 150mW SURFACE MOUNT ZENER DIODE
|
Diodes, Inc. Diodes Incorporated
|
BZX84C39W BZX84C8V2W BZX84C12W BZX84C3V9W BZX84C33 |
surface mount silicon Zener diodes 200mW SURFACE MOUNT ZENER DIODE
|
Diodes Inc. DIODES[Diodes Incorporated]
|
BZV55C15 BZV55C22 BZV55C2V410 BZV55C6V8 BZV55C9V1 |
SURFACE MOUNT SILICON ZENER DIODE 0.5 WATT, 2.4 THRU 75 VOLTS ± 5% TOLERANCE surface mount silicon Zener diodes 22 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 6.8 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 15 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 2.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Central Semiconductor Corp Central Semiconductor, Corp.
|
BZX2C15V BZX2C8V2 BZX2C7V5 BZX2C6V2 BZX2C4V7 BZX2C |
2 Watt Zener Diode 3.6 to 200 Volts 8.2 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 GLASS PACKAGE-2 68 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 GLASS PACKAGE-2 18 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 GLASS PACKAGE-2 surface mount silicon Zener diodes 100 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 11 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 7.5 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 27 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 24 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 6.2 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 62 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41
|
MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
|